PART |
Description |
Maker |
R1EX25008ASA00I R1EX25016ASA00I R1EX25008ATA00I R1 |
Serial Peripheral Interface 8k EEPROM (1024-word × 8-bit) 16k EEPROM (2048-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
|
Renesas Electronics Corporation
|
AV93LC46TI AV93LC46 AV93LC46PC AV93LC46PI AV93LC46 |
1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
|
List of Unclassifed Manufacturers ETC[ETC]
|
IS93C46-3 IS93C46-3G IS93C46-3GI IS93C46-3GR IS93C |
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 1,024位串行电可擦除可编程ROM 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
BR24L08FVM-W BR24L08FJ-W BR24L08FV-W BR24L08F-W BR |
10248 bit electrically erasable PROM 1024】8 bit electrically erasable PROM
|
ROHM[Rohm]
|
IS93C56-3 IS93C56-3G IS93C56-3GI IS93C56-3GR IS93C |
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc. Integrated Silicon Solution Inc
|
SLE4428C SLE4428M2.2 SLE4418M2.2 SLE4418 SLE4418C |
16MM PB 65168-010 1K X 8 3-WIRE SERIAL EEPROM, UUC8 ICs for Chip Cards 1K X 8 3-WIRE SERIAL EEPROM, UUC8 Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能8K1024 x 8 EEPROM) 智能8千位024 × 8位)具有写保护功能的EEPROM(智能化8K的位024 × 8位)的EEPROM Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能K1024 x 8 EEPROM(带些保护功能)) Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能K1024 x 8 EEPROM) ICs for Chip Cards / Intelligent 8-Kbit EEPROM SERIAL EEPROM,1KX8,MOS,WAFER,PLASTIC SERIAL EEPROM,1KX8,MOS,MODULE,8PIN,PLASTIC From old datasheet system
|
SIEMENS AG Infineon Technologies AG SIEMENS[Siemens Semiconductor Group]
|
24LC02BTI_SNG 24LC02BI_SNG 24LC02BI_OTG 24LC02BI_P |
The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C ... The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24AA02 features hardware write protect, Schmitt trigger inp 2K I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS25C128-2WLI IS25C128-3WLA3 IS25C128-3GLA3 |
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
NM93C46 NM93C46TEN NM93C46TLEM8 NM93C46TLM8 NM93C4 |
1024-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus) 1024-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) 1024-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
IS25C08-2PI |
8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
INTEGRATED SILICON SOLUTION INC
|
24LC21A_03 24LC21A 24LC21A1-_P 24LC21A1-_SN 24LC21 |
1K 2.5V Dual Mode I2C Serial EEPROM The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s ... The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s advanced monitors. The 24LC21A represents a simple, low-cost route to meeting the stringent standards 1K 2.5V Dual Mode I 2 C Serial EEPROM
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|